Part Number Hot Search : 
FA250 203DH KMM53 IRF3711 LM358 UF1004C R5000 B5100
Product Description
Full Text Search
 

To Download MC78L05A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Boca Semiconductor Corp.
MC78LXXA (LM78LXX, KA78LXXA)
(BSC)
FIXED VOLTAGE REGULATOR (POSITIVE)
3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATORS
The MC78LXX series of fixed voltage monolithic integrated circuit voltage regulators are suitable for application that required supply up to 100mA.
TO-92
1: Output 2: GND 3: Input
FEATURES
* Maximum Output Current of 100mA * Output Voltage of 5V, 6V, 8V, 9V, 10V, 12V, 15V, 18V and 24V * Thermal Overload Protection * Short Circuit Current Limiting * Output Voltage Offered in 5% Tolerance
8 SOP
1: Output 2: GND 3: GND 4: NC 5: NC 6: GND 7: GND 8: Input
ORDERING INFORMATION
Device MC78LXXACP (LM78LXXACZ) (KA78LXXAZ) MC78LXXACD (KA78LXXAD) Package TO-92 8 SOP Operating Temperature - 45 ~ + 125C 0 ~ + 125C
BLOCK DIAGRAM
VI 3
I
THERMAL SHUTDOWN CIRCUIT
REFERENCE VOLTAGE
+ -
SHORT CIRCUIT PROTECTION
RSC
GND 2
V0 1
MC78LXXA (LM78LXX, KA78LXXA)
FIXED VOLTAGE REGULATOR (POSITIVE)
ABSOLUTE MAXIMUM RATINGS (TA = 25 C, unless otherwise specified)
Characteristic Input Voltage (for VO = 5V, 8V) (for VO = 12V, 15V) Operating Junction Temperature Range Storage Temperature Range Symbol VI TJ TSTG Value 30 35 0 ~ +150 -65 ~ +150 Unit V V C C
LM78L05 ELECTRICAL CHARACTERISTICS
(VI = 10V, IO = 40mA, 0 C T J 125 C, CI = 0.33 F, CO = 0.1F, unless otherwise specified. (Note 1) Characteristic Output Voltage Line Regulation Load Regulation Symbol VO VO VO TJ = 25 C 7V VI 20V TJ = 25C TJ = 25 C 7V VI 0V 7V VI VMAX (Note 2) TJ = 25 C 8V VI 20V 1mA IO 40 mA TA = 25 C, 10Hz f 100KHz 40 -0.65 41 80 1.7 8V VI 20V 1mA IO 100mA 1mA IO 40mA 1mA IO 40mA 1mA IO 70mA 4.75 2.0 Test Conditions Min 4.8 Typ 5.0 8 6 11 5.0 Max 5.2 150 100 60 30 5.25 5.25 5.5 1.5 0.1 Unit V mV mV mV mV V V mA mA mA V/VO mV/ C dB V
Output Voltage Quiescent Current Quiescent Current Change Output Noise Voltage Temperature Coefficient of VO Ripple Rejection Dropout Voltage with line with load
VO IQ IQ IQ VN
VO/T IO = 5mA RR VD f = 120Hz, 8V VI 18V, TJ = 25 C TJ = 25 C
MC78LXXA (LM78LXX, KA78LXXA)
FIXED VOLTAGE REGULATOR (POSITIVE)
LM78L06 ELECTRICAL CHARACTERISTICS
Characteristic Output Voltage Line Regulation Load Regulation Output Voltage Quiescent Current Quiescent Current Change Output Noise Voltage Temperature Coefficient of VO Ripple Rejection Dropout Voltage with line with load Symbol VO VO VO VO IQ IQ IQ VN TJ = 25 C TJ =25 C TJ =25 C
(VI = 12V, IO = 40mA, 0 C T J 125 C , CI = 0.33F, CO = 0.1F, unless otherwise specified. (Note 1) Test Conditions 8.5V < VI < 20V 9V VI 20V 1mA < IO < 100mA 5.7 5.7 3.9 Min 5.75 Typ 6.0 64 54 12.8 5.8 Max 6.25 175 125 80 40 6.3 6.3 6.0 5.5 1.5 0.1 40 0.75 40 46 1.7 mA V/VO mV/ C dB V Unit V mV mV mV mV V mA
1mA < IO < 70mA 8.5 < VI < 20V, 1mA < IO < 40mA 8.5 < VI < VMAX(Note), 1mA < IO < 70mA TJ = 25 C TJ = 125 C 9 < VI < 20V 1mA < IO< 40mA TA = 25 C, 10Hz < f < 100KHz
VO/T IO = 5mA RR VD f = 120Hz, 10V < VI < 20V, TJ = 25 C TJ = 25 C
LM78L08 ELECTRICAL CHARACTERISTICS
(VI = 14V, IO = 40mA, 0 C T J 125 C, CI = 0.33 F, CO = 0.1F, unless otherwise specified. (Note 1) Characteristic Output Voltage Line Regulation Load Regulation Symbol VO VO VO TJ = 25 C TJ =25 C TJ =25 C 10.5V VI 23V 10.5V VI VMAX (Note 2) TJ = 25 C 11V VI 23V 1mA IO 40mA TA = 25 C, 10Hz f 100KHz 60 -0.8 39 70 1.7 10.5V VI 23V 11V VI 23V 1mA IO 100mA 1mA IO 40mA 1mA IO 40mA 1mA IO 70mA 7.6 7.6 2.0 Test Conditions Min 7.7 Typ 8.0 10 8 15 8.0 Max 8.3 175 125 80 40 8.4 8.4 5.5 1.5 0.1 Unit V mV mV mV mV V V mA mA mA V/VO mV/C dB V
Output Voltage Quiescent Current Quiescent Current Change Output Noise Voltage Temperature Coefficient of VO Ripple Rejection Dropout Voltage with line with load
VO IQ IQ IQ VN
VO/T IO = 5mA RR VD f = 120Hz, 11V VI 21V, TJ = 25 C TJ = 25 C
MC78LXXA (LM78LXX, KA78LXXA)
FIXED VOLTAGE REGULATOR (POSITIVE)
LM78L09 ELECTRICAL CHARACTERISTICS
Characteristic Output Voltage Line Regulation Load Regulation Symbol VO VO VO TJ = 25 C TJ =25 C TJ =25 C
(VI = 15V, IO = 40mA, 0 C T J 125 C, CI = 0.33 F, CO = 0.1F, unless otherwise specified. (Note 1) Test Conditions 11.5V VI 24V 13V VI 24V 1mA IO 100mA 1mA IO 40mA 1mA IO 40mA 1mA IO 70mA 8.55 8.55 2.1 Min 8.64 Typ 9.0 90 100 20 10 Max 9.36 200 150 90 45 9.45 9.45 6.0 1.5 0.1 70 -0.9 38 44 1.7 Unit V mV mV mV mV V V mA mA mA V/VO mV/C dB V
11.5V VI 24V Output Voltage Quiescent Current Quiescent Current Change Output Noise Voltage Temperature Coefficient of VO Ripple Rejection Dropout Voltage with line with load VO IQ IQ IQ VN VO/T RR VD 11.5V VI VMAX (Note 2) TJ = 25 C 13V VI 24V 1mA IO 40mA
TA = 25 C, 10Hz f 100KHz IO = 5mA f = 120Hz, 12V VI 22V, TJ = 25 C TJ = 25 C
LM78L10 ELECTRICAL CHARACTERISTICS
(VI = 16V, IO = 40mA, 0 C < T J < 125 C, CI = 0.33 F, CO = 0.1F, unless otherwise specified. (Note 1) Characteristic Output Voltage Line Regulation Load Regulation Output Voltage Quiescent Current Quiescent Current Change Output Noise Voltage Temperature Coefficient of VO Ripple Rejection Dropout Voltage with line with load Symbol VO VO VO VO IQ IQ IQ VN TJ = 25 C TJ =25 C TJ =25 C 12.5 < VI < 25V 14V VI 25V 1mA < IO< 100mA 9.5 9.5 4.2 Test Conditions Min 9.6 Typ 10.0 100 100 20 10 Max 10.4 220 170 94 47 10.5 10.5 6.5 6.0 1.5 0.1 74 0.95 38 43 1.7 Unit V mV mV mV mV V mA mA V/VO mV/ C dB V
1mA < IO < 70mA 12.5 < VI < 25V, 1mA < IO < 40mA 12.5 < VI < VMAX(Note), 1mA < IO < 70mA TJ = 25 C TJ = 125 C 12.5 < VI < 25V 1mA < IO < 40mA TA = 25 C, 10Hz < f < 100KHz
VO/T IO = 5mA RR VD f = 120Hz, 15V < VI < 25V, TJ = 25 C TJ = 25 C
MC78LXXA (LM78LXX, KA78LXXA)
FIXED VOLTAGE REGULATOR (POSITIVE)
LM78L12 ELECTRICAL CHARACTERISTICS
Characteristic Output Voltage Line Regulation Load Regulation Symbol VO VO VO TJ = 25 C TJ =25 C TJ =25 C
(VI = 19V, IO = 40mA, 0 C T J 125 C, CI = 0.33 F, CO = 0.1F, unless otherwise specified. (Note 1) Test Conditions 14.5V VI 27V 16V VI 27V 1mA IO 100mA 1mA IO 40mA 1mA IO 40mA 1mA IO 70mA 11.4 11.4 2.1 Min 11.5 Typ 12 20 15 20 10 Max 12.5 250 200 100 50 12.6 12.6 6.0 1.5 0.1 80 -1.0 37 65 1.7 Unit V mV mV mV mV V V mA mA mA V/VO mV/ C dB V
14.5V VI 27V Output Voltage Quiescent Current Quiescent Current Change Output Noise Voltage Temperature Coefficient of VO Ripple Rejection Dropout Voltage with line with load VO IQ IQ IQ VN 14.5V VI VMAX (Note 2) TJ = 25 C 16V VI 27V 1mA IO 40mA
TA = 25 C, 10Hz f 100KHz
VO/T IO = 5mA RR VD f = 120Hz, 15V VI 25V, TJ = 25 C TJ = 25 C
LM78L15 ELECTRICAL CHARACTERISTICS
(VI = 23V, IO = 40mA, 0 C T J 125C, CI = 0.33 F, CO = 0.1F, unless otherwise specified. (Note 1) Characteristic Output Voltage Line Regulation Load Regulation Symbol VO VO VO TJ = 25 C TJ =25 C TJ =25 C 17.5V VI 30V Output Voltage Quiescent Current Quiescent Current Change Output Noise Voltage Temperature Coefficient of VO Ripple Rejection Dropout Voltage with line with load VO IQ IQ IQ VN 17.5V VI VMAX (Note 2) TJ = 25 C 20V VI 30V 1mA IO 40mA TA = 25 C, 10Hz f 100KHz 90 -1.3 34 60 1.7 17.5V VI 30V 20V VI 30V 1mA IO 100mA 1mA IO 40mA 1mA IO 40mA 1mA IO 70mA 14.25 14.25 2.1 Test Conditions Min 14.4 Typ 15 25 20 25 12 Max 15.6 300 250 150 75 15.75 15.75 6.0 1.5 0.1 Unit V mV mV mV mV V V mA mA mA V/VO mV/ C dB V
VO/T IO = 5mA RR VD f = 120Hz, 18.5V VI 28.5V, TJ = 25 C TJ = 25 C
MC78LXXA (LM78LXX, KA78LXXA)
FIXED VOLTAGE REGULATOR (POSITIVE)
LM78L18 ELECTRICAL CHARACTERISTICS
Characteristic Output Voltage Line Regulation Load Regulation Symbol VO VO VO TJ = 25 C TJ =25 C TJ =25 C
(VI = 27V, IO = 40mA, 0 C T J 125 C, CI = 0.33 F, CO = 0.1F, unless otherwise specified. (Note 1) Test Conditions 21V VI 33V 22V VI 33V 1mA IO100mA 1mA IO 40mA 1mA IO 40mA 1mA IO 70mA 17.1 17.1 2.2 Min 17.3 Typ 18 145 135 30 15 Max 18.7 300 250 170 85 18.9 18.9 6.0 1.5 0.1 150 -1.8 34 48 1.7 Unit V mV mV mV mV V V mA mA mA V/VO mV/ C dB V
21V VI 33V Output Voltage Quiescent Current Quiescent Current Change Output Noise Voltage Temperature Coefficient of VO Ripple Rejection Dropout Voltage with line with load VO IQ IQ IQ VN 21V VI VMAX (Note 2) TJ = 25 C 21V VI 33V 1mA IO 40mA
TA = 25 C, 10Hz f 100KHz
VO/T IO = 5mA RR VD f = 120Hz, 23V VI 33V, TJ = 25 C TJ = 25 C
LM78L24 ELECTRICAL CHARACTERISTICS
(VI = 33V, IO = 40mA, 0 C T J 125 C, CI = 0.33 F, CO = 0.1F, unless otherwise specified. (Note 1) Characteristic Output Voltage Line Regulation Load Regulation Output Voltage Quiescent Current Quiescent Current with line Change with load Output Noise Voltage Temperature Coefficient of VO Ripple Rejection Dropout Voltage Symbol VO VO VO VO IQ IQ IQ VN TJ = 25 C TJ =25 C TJ =25 C 27V VI 38V 28V VI 38V 1mA IO 100mA 1mA IO 40mA 1mA IO 40mA Test Conditions Min 23 Typ 24 160 150 40 20 Max 25 300 250 200 100 25.2 25.2 2.2 6.0 1.5 0.1 Unit V mV mV mV mV V V mA mA mA V/VO mV/ C dB V
27V VI 38V 27V VI VMAX 1mA IO 70mA (Note 2) TJ = 2 5C 28V VI 38V 1mA IO 40mA TA = 25 C, 10Hz f 100KHz
22.8 22.8
200 -2.0 34 45 1.7
VO/T IO = 5mA RR VD f = 120Hz, 28V VI 38V, TJ = 25 C TJ = 25 C
Notes 1. The maximum steady state usable output current and input voltage are very dependent on the heat sinking and/or lead length of the package. The data above represent pulse test conditions with junction temperature as indicated at the initiation of tests. 2. Power dissipation 0.75W.
MC78LXXA (LM78LXX, KA78LXXA)
FIXED VOLTAGE REGULATOR (POSITIVE)
TYPICAL APPLICATION
3(8) INPUT C1 0.33 F NOTE 2 KA78LXXA NOTE 1 2(2,3,6,7) 1(1) OUTPUT 0. 1 F NOTE 2
'( )' : 8SOP Type Notes 1. To specify an output voltage, substitute voltage value for "XX". 2. Bypass Capacitors are recommend for optimum stability and transient response and should be located as close as possible to the regulator
http://www.bocasemi.com


▲Up To Search▲   

 
Price & Availability of MC78L05A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X